Part Number Hot Search : 
SB113 MHW72 AN584 5160HR MPC942P WM8904 SG7805AR 5000F
Product Description
Full Text Search
 

To Download NSBA123JDP6T5G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NSBA114EDP6T5G Series
Preferred Devices
Dual Digital Transistors (BRT)
PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single device and its external resistor bias network. The digital transistor contains a single transistor with a monolithic bias network consisting of two resistors; a series base resistor and a base-emitter resistor. The digital transistor eliminates these individual components by integrating them into a single device. The use of a digital transistor can reduce both system cost and board space. The device is housed in the SOT-963 package which is designed for low power surface mount applications.
Features http://onsemi.com
(3) R1 Q1 R2 (4) (2) R2 Q2 R1 (5) (6) (1)
* * * * * * *
Simplifies Circuit Design Reduces Board Space Reduces Component Count The SOT-963 Package can be Soldered using Wave or Reflow. Available in 4 mm, 8000 Unit Tape & Reel These are Pb-Free Devices These are Halide-Free Devices
MARKING DIAGRAM
XM 1
SOT-963 CASE 527AD
MAXIMUM RATINGS (TA = 25C unless otherwise noted)
Rating Collector-Base Voltage Collector-Emitter Voltage Collector Current Symbol VCBO VCEO IC Value 50 50 100 Unit Vdc Vdc mAdc
X M G
= Specific Device Code = Date Code = Pb-Free Package
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
ORDERING INFORMATION
Device NSBA114EDP6T5G Package SOT-963 (Pb-Free) Shipping 8000 / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
DEVICE MARKING INFORMATION
See specific marking information in the device marking table on page 2 of this data sheet. Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 2008
October, 2008 - Rev. 5
1
Publication Order Number: NSBA114EDP6/D
NSBA114EDP6T5G Series
THERMAL CHARACTERISTICS
Characteristic SINGLE HEATED Total Device Dissipation TA = 25C (Note 1) Derate above 25C Thermal Resistance (Note 1) Junction-to-Ambient Total Device Dissipation TA = 25C (Note 2) Derate above 25C Thermal Resistance (Note 2) Junction-to-Ambient DUAL HEATED (Note 3) Total Device Dissipation TA = 25C (Note 1) Derate above 25C Thermal Resistance (Note 1) Junction-to-Ambient Total Device Dissipation TA = 25C (Note 2) Derate above 25C Thermal Resistance (Note 2) Junction-to-Ambient Junction and Storage Temperature PD 339 2.7 369 mW mW/C C/W PD 231 1.9 540 269 2.2 464 mW mW/C C/W Symbol Max Unit
RqJA PD
mW mW/C C/W
RqJA
RqJA PD
408 3.3 306 -55 to +150
mW mW/C C/W C
RqJA TJ, Tstg
1. FR-4 @ 100 mm2, 1 oz. copper traces, still air. 2. FR-4 @ 500 mm2, 1 oz. copper traces, still air. 3. Dual heated values assume total power is sum of two equally powered channels.
ORDERING INFORMATION, DEVICE MARKING AND RESISTOR VALUES
Device NSBA114EDP6T5G NSBA124EDP6T5G NSBA144EDP6T5G NSBA114YDP6T5G NSBA123TDP6T5G NSBA143EDP6T5G NSBA143ZDP6T5G NSBA123JDP6T5G NSBA144WDP6T5G NSBA114TDP6T5G NSBA115TDP6T5G Marking* F (180) E (90) E (270) Q (0) L (90) F (90) K (90) P (90) J (90) T (180) V (180) R1 (k) 10 22 47 10 2.2 4.7 4.7 2.2 47 10 100 R2 (k) 10 22 47 47 4.7 47 47 22 SOT-963 (Pb-Free) 8000/Tape & Reel Package Shipping
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D. *(XX) = Degree rotation in the clockwise direction.
http://onsemi.com
2
NSBA114EDP6T5G Series
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Collector-Base Cutoff Current (VCB = 50 V, IE = 0) Collector-Emitter Cutoff Current (VCE = 50 V, IB = 0) Emitter-Base Cutoff Current (VEB = 6.0 V, IC = 0) NSBA114EDP6T5G NSBA124EDP6T5G NSBA144EDP6T5G NSBA114YDP6T5G NSBA123TDP6T5G NSBA114TDP6T5G NSBA143EDP6T5G NSBA115TDP6T5G NSBA143ZDP6T5G NSBA123JDP6T5G NSBA144WDP6T5G ICBO ICEO IEBO - - - - - - - - - - - - - 50 50 - - - - - - - - - - - - - - - 100 500 0.5 0.2 0.1 0.2 4.0 0.9 1.5 0.1 0.18 0.2 0.13 - - nAdc nAdc mAdc Symbol Min Typ Max Unit
Collector-Base Breakdown Voltage (IC = 10 mA, IE = 0) Collector-Emitter Breakdown Voltage (Note 4) (IC = 2.0 mA, IB = 0) ON CHARACTERISTICS (Note 4) DC Current Gain (VCE = 10 V, IC = 5.0 mA) NSBA114EDP6T5G NSBA124EDP6T5G NSBA144EDP6T5G NSBA114YDP6T5G NSBA115TDP6T5G/NSBA123TDP6T5G NSBA143EDP6T5G NSBA143ZDP6T5G NSBA123JDP6T5G NSBA144WDP6T5G NSBA114TDP6T5G
V(BR)CBO V(BR)CEO
Vdc Vdc
hFE
35 60 80 80 160 15 80 80 80 160 -
60 100 140 140 350 27 140 140 140 250 -
- - - - - - - - - - 0.25 Vdc
Collector-Emitter Saturation Voltage (IC = 10 mA, IE = 0.3 mA) NSBA114EDP6T5G/NSBA124EDP6T5G/NSBA144EDP6T5G NSBA114YDP6T5G/NSBA123TDP6T5G NSBA123JDP6T5G/NSBA144EDP6T5G (IC = 10 mA, IB = 1 mA) NSBA143ZDP6T5G/NSBA143EDP6T5G/NSBA114TDP6T5G (IC = 10 mA, IB = 5 mA) NSBA115TPD6T5G Output Voltage (on) (VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW) NSBA114TDP6T5G NSBA114EDP6T5G NSBA124EDP6T5G NSBA114YDP6T5G NSBA123TDP6T5G NSBA143EDP6T5G NSBA143ZDP6T5G NSBA123JDP6T5G NSBA144EDP6T5G NSBA144WDP6T5G NSBA115TDP6T5G
VCE(sat)
VOL
Vdc - - - - - - - - - - - 4.9 - - - - - - - - - - - - 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 - Vdc
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 kW) (VCC = 5.0 V, VB = 4.0 V, RL = 1.0 kW) (VCC = 5.0 V, VB = 5.0 V, RL = 1.0 kW)
Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW) NSBA114EDP6T5G/NSBA124EDP6T5G/NSBA144EDP6T5G NSBA114YDP6T5G/NSBA143ZDP6T5G/NSBA123JDP6T5G NSBA144WDP6T5G (VCC = 5.0 V, VB = 0.25 V, RL = 1.0 kW) NSBA123TDP6T5G/NSBA143EDP6T5G/ NSBA114TDP6T5G/NSBA115TDP6T5G 4. Pulse Test: Pulse Width < 300 ms, Duty Cycle < 2.0%
VOH
http://onsemi.com
3
NSBA114EDP6T5G Series
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) (Continued)
Characteristic Input Resistor NSBA114TDP6T5G NSBA114EDP6T5G NSBA124EDP6T5G NSBA144EDP6T5G NSBA114YDP6T5G NSBA123TDP6T5G NSBA143EDP6T5G NSBA143ZDP6T5G NSBA123JDP6T5G NSBA144WDP6T5G NSBA115TDP6T5G NSBA114EDP6T5G/NSBA124EDP6T5G NSBA144EDP6T5G/NSBA143EDP6T5G NSBA114YDP6T5G NSBA123TDP6T5G/NSBA114TDP6T5G/ NSBA115TDP6T5G NSBA143ZDP6T5G NSBA123JDP6T5G NSBA144WDP6T5G Symbol R1 Min 7.0 7.0 15.4 32.9 7.0 1.5 3.3 3.3 1.54 32.9 70 0.8 0.17 - 0.055 0.038 1.7 Typ 10 10 22 47 10 2.2 4.7 4.7 2.2 47 100 1.0 0.21 - 0.1 0.047 2.1 Max 13 13 28.6 61.1 13 2.9 6.1 6.1 2.86 61.1 130 1.2 0.25 - 0.185 0.056 2.6 Unit kW
Resistor Ratio
R1/R2
http://onsemi.com
4
NSBA114EDP6T5G Series
TYPICAL ELECTRICAL CHARACTERISTICS - NSBA114EDP6T5G
VCE(SAT), COLLECTOR-TO-EMITTER SATURATION VOLTAGE (V)
1.0 IC/IB = 10 TA = 25C TA = 150C 0.10 TA = -55C
1000 VCE = 10 V hFE, DC CURRENT GAIN
100 150C 25C 10 -55C
0.01
0
5
10 15 20 25 30 35 40 IC, COLLECTOR CURRENT (mA)
45
50
1.0 0.1
Figure 1. VCE(sat) vs. IC
1 10 IC, COLLECTOR CURRENT (mA)
100
Figure 2. DC Current Gain
2.4 COBO, OUTPUT CAPACITANCE (pF) IC, COLLECTOR CURRENT (mA) 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0 5 10 15 20 25 30 35 40 45 50
100
10
150C
1.0 -55C 0.1 25C
0.01 0
1
2
3
4
5
REVERSE BIAS VOLTAGE (V)
Figure 3. Output Capacitance
10 25C
Figure 4. Output Current vs. Input Voltage
Vin, INPUT VOLTAGE (V)
Vin, INPUT VOLTAGE (V)
-55C 1.0 150C
0.1
0
5
10
15
20
25
30
35
40
45
50
Figure 5. Input Voltage vs. Output Current
IC, COLLECTOR CURRENT (mA)
http://onsemi.com
5
NSBA114EDP6T5G Series
PACKAGE DIMENSIONS
SOT-963 CASE 527AD-01 ISSUE D
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETERS 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. DIM A b C D E e L HE MILLIMETERS MIN NOM MAX 0.34 0.37 0.40 0.10 0.15 0.20 0.07 0.12 0.17 0.95 1.00 1.05 0.75 0.80 0.85 0.35 BSC 0.05 0.10 0.15 0.95 1.00 1.05 MIN 0.004 0.003 0.037 0.03 INCHES NOM MAX
D
A B 4 E 3 C 0.08 C A B
A
C L
6
5 12 e
HE
6X
b
0.006 0.008 0.005 0.007 0.039 0.041 0.032 0.034 0.014 BSC 0.002 0.004 0.006 0.037 0.039 0.041
SOLDERING FOOTPRINT*
0.35 0.014 0.35 0.014
0.90 0.0354
0.20 0.008
0.20 0.008
SCALE 20:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
6
NSBA114EDP6/D


▲Up To Search▲   

 
Price & Availability of NSBA123JDP6T5G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X